PART |
Description |
Maker |
BYW81PI-150 BYW81P-150 |
15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOLATED TO-220, 2 PIN 15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC PACKAGE-2
|
ST Microelectronics
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
LTO030F75R00JTE3 LTO030FR7500JTE3 LTO030F75001JTE3 |
RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 75 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 0.75 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 75000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 750 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 7500 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
MTP20N15E |
Power MOSFET 20 Amps, 150 Volts N-Channel TO-220
|
ONSEMI[ON Semiconductor]
|
CR8U-040 CR8U-060 CR8U-020 |
8 A, 400 V, SILICON, RECTIFIER DIODE, TO-220 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220
|
Central Semiconductor, Corp.
|
IRF640FP IRF640 3007 |
N - CHANNEL 200V - 0.150 - 18A TO-220/TO-220FP MESH OVERLAY TM MOSFET From old datasheet system
|
STMicro
|
STP105N3LL |
N-channel 30 V, 2.7 mOhm typ., 150 A, STripFET(TM) VII DeepGATE(TM) Power MOSFET in a TO-220 package
|
ST Microelectronics
|
SBT80-06GS |
60V, 8A Rectifi er
|
Sanyo Semicon Device
|
APT30DL60BCT APT30DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT75DL60B APT75DL60BG APT75DL60S APT75DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CD214A-B240LLF |
Schottky Barrier Rectifi er Chip Diode
|
Bourns Electronic Solut...
|
4200ACC 4200BCD 4200ACD 4200BCP |
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 x1同步SRAM SEMI 4200 150 ns, Static, TTL IN/OUT, 4096 x 1 NMOS RAM
|
EMM Semi, Inc.
|
|